PART |
Description |
Maker |
61084-300 61084 61084-001 61084-002 61084-101 6108 |
TV 29C 29#20 PIN PLUG 150 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR TV 42C 36#22D 6#8(TWINAX) SKT 150 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR SURFACE MOUNT (NPN) GENERAL PURPOSE TRANSISTOR
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
2SC1740SLNTP/S 2SA933ASLNTP/RS 2SA933ALNT93/RS 2SC |
150 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR 3000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 50 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 500 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50 mA, 120 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 5000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Lattice Semiconductor, Corp. MERITEK Electronics, Corp.
|
2SC2673C1 2SA1555TL2B 2SD1919TL3 2SD1919TL2 2SC202 |
1000 mA, 32 V, NPN, Si, SMALL SIGNAL TRANSISTOR 300 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR 2000 mA, 32 V, NPN, Si, SMALL SIGNAL TRANSISTOR 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
|
2SC2712GRT5LFT 2SC2712-GRTE85LF |
150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236
|
Toshiba Corporation
|
KSC1815OJ05Z FAIRCHILDSEMICONDUCTORCORP-KSC1815LJ1 |
150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR TO-92, 3 PIN
|
Fairchild Semiconductor, Corp.
|
XP1507 |
RES CERAMIC 8MHZ .5% SMD 50 mA, 150 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR Silicon NPN epitaxial planer transistor
|
Panasonic, Corp. PANASONIC[Panasonic Semiconductor]
|
2N3799A 2N3962 2N4390 2N3701 2N5057 2N3576 2N4068 |
Small Signal Transistors Si, PNP, RF SMALL SIGNAL TRANSISTOR, TO-18 Small Signal Transistors 150 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 1000 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
MMBT945-H MMBT945-L MMBT945-H-TP |
NPN Silicon Plastic-Encapsulate Transistor 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Micro Commercial Components
|
PN5133-18R PN5133-18FLEADFREE PN5133-18RLEADFREE M |
18 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 TO-92-18R, 3 PIN 18 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 TO-92-18F, 3 PIN 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 TO-92-5T1, 3 PIN 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 TO-92-5F, 3 PIN 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 TO-92-5T, 3 PIN 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 TO-92-18R, 3 PIN 150 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 TO-92-18R, 3 PIN Si, PNP, RF SMALL SIGNAL TRANSISTOR, TO-92 TO-92-18R, 3 PIN 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 TO-92-18R, 3 PIN 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 TO-92-18R, 3 PIN 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 TO-92-18R, 3 PIN 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 TO-92-18R, 3 PIN 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 12 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
MPSH10PSTOA FXT3866STZ UZTX415STOA UZTX415STOB ZTX |
UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR TO-92 COMPATIBLE, E-LINE PACKAGE-3 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR 200 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR 500 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. Zetex Semiconductor PLC ZETEX PLC DIODES INC
|
MSD1328-ST1 MSD1328-ST1G MSD1328-RT1G MSD1328-RT10 |
NPN Low Voltage Output Amplifiers General Purpose NPN Transistor Small Signal Plastic NPN; Package: SC-59 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 3000 500 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Rectron Semiconductor
|
|